Part Number Hot Search : 
MC7805 KT847L55 BC445 88XS23D7 88XS23D7 BAT86 DCH1228S BAT85
Product Description
Full Text Search
 

To Download UG06B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UG06A thru UG06D
Vishay General Semiconductor
Miniature Ultrafast Plastic Rectifier
FEATURES * Glass passivated chip junction * Ultrafast reverse recovery time * Soft recovery characteristics * Low forward voltage drop * Low switching losses, high efficiency * High forward surge capability
Case Style MPG06
* Solder dip 260 C, 40 s * Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC TYPICAL APPLICATIONS For use in high frequency rectification and freewheeling application in switching mode converters and inverters for consumer, computer and telecommunication. MECHANICAL DATA Case: MPG06 Epoxy meets UL 94V-0 flammability rating Terminals: Matte tin plated leads, solderable per J-STD-002 and JESD22-B102 E3 suffix for consumer grade, meets JESD 201 class 1A whisker test Polarity: Color band denotes cathode end
PRIMARY CHARACTERISTICS
IF(AV) VRRM IFSM trr VF TJ max. 0.6 A 50 V to 200 V 40 A 15 ns 0.95 V 150 C
MAXIMUM RATINGS (TA = 25 C unless otherwise noted)
PARAMETER Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current (Fig. 1) Peak forward surge current 8.3 ms single half sine-wave superimposed on rated load Operating junction and storage temperature range SYMBOL VRRM VRMS VDC IF(AV) IFSM TJ, TSTG UG06A 50 35 50 UG06B 100 70 100 0.6 40 - 55 to + 150 UG06C 150 105 150 UG06D 200 140 200 UNIT V V V A A C
Document Number: 88757 Revision: 20-Aug-07
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com 1
UG06A thru UG06D
Vishay General Semiconductor
ELECTRICAL CHARACTERISTICS (TA = 25 C unless otherwise noted)
PARAMETER Maximum instantaneous forward voltage (1) Maximum DC reverse current at rated DC blocking voltage Maximum reverse recovery time Maximum reverse recovery time Maximum stored charge Typical junction capacitance Note: (1) Pulse test: 300 s pulse width, 1 % duty cycle IF = 0.5 A, IR = 1.0 A, Irr = 0.25 A IF = 0.6 A, VR = 30 V, dI/dt = 50 A/s, Irr = 10 % IRM IF = 0.6 A, VR = 30 V, dI/dt = 50 A/s, Irr = 10 % IRM 4 V, 1 MHz TJ = 25 C TJ = 100 C TJ = 25 C TJ = 100 C IF = 0.6 A TA = 25 C TA = 100 C TEST CONDITIONS SYMBOL VF IR trr trr Qrr CJ VALUE 0.95 5.0 100 15 25 35 8.0 20 9.0 UNIT V A ns ns nC pF
THERMAL CHARACTERISTICS (TA = 25 C unless otherwise noted)
PARAMETER Typical thermal resistance (1) Note: (1) Thermal resistance from junction to ambient and junction to lead at 0.375" (9.5 mm) lead length P.C.B. mounted with 0.2 x 0.2" (5.0 x 5.0 mm) copper pads SYMBOL RJA RJL UG06A UG06B 97 28 UG06C UG06D UNITS C/W
ORDERING INFORMATION (Example)
PREFERRED P/N UG06D-E3/54 UG06D-E3/73 UNIT WEIGHT (g) 0.181 0.181 PREFERRED PACKAGE CODE 54 73 BASE QUANTITY 5500 3000 DELIVERY MODE 13" diameter paper tape and reel Ammo pack packaging
RATINGS AND CHARACTERISTICS CURVES (TA = 25 C unless otherwise noted)
0.90 100
Average Forward Rectified Current (A)
0.75
0.60
Peak Forward Surge Current (A)
Resistive or Inductive Load 0.375" (9.5 mm) Lead Length TL Lead Temperature
TJ = 75 C 8.3 ms Single Half Sine-Wave
0.45
10
0.30 TA, Ambient Temperature P.C.B. Mounted 0.2 x 0.2" (5.0 x 5.0 mm) Copper Pads 0 25 50 75 100 125 150 175
0.15
0
1 1 10 100
Temperature (C)
Number of Cycles at 60 Hz
Figure 1. Maximum Forward Current Derating Curves
Figure 2. Maximum Non-Repetitive Peak Forward Surge Current
www.vishay.com 2
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88757 Revision: 20-Aug-07
UG06A thru UG06D
Vishay General Semiconductor
100
60 IF = 0.6 A VR = 30 V trr Qrr
Instantaneous Forward Current (A)
10
TJ = 100 C
Recovered Change/Reverse Recovery Time, nC/ns
50
40
dI/dt = 20 A/s dI/dt = 50 A/s dI/dt = 100 A/s dI/dt = 150 A/s dI/dt = 150 A/s dI/dt = 100 A/s dI/dt = 50 A/s dI/dt = 20 A/s
1
Pulse Width = 300 s 1 % Duty Cycle TJ = 25 C
30
20
0.1
10
0.01 0.4
0 0.6 0.8 1.0 1.2 1.4 1.6 0 25 50 75 100 125 150 175
Instantaneous Forward Voltage (V)
Junction Temperature (C)
Figure 3. Typical Instantaneous Forward Characteristics
Figure 5. Reverse Switching Charateristics
1000
100 TJ = 25 C f = 1.0 MHz Vsig = 50 mVp-p
Instantaneous Reverse Leakage Current (A)
100 TJ = 100 C
10
Junction Capacitance (pF)
TJ = 25 C 1
10
0.1
0.01 0 20 40 60 80 100
1 0.1
1
10
100
Percent of Rated Peak Reverse Voltage (%)
Reverse Voltage (V)
Figure 4. Typical Reverse Leakage Characteristics
Figure 6. Typical Junction Capacitance
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
Case Style MPG06
0.100 (2.54) 0.090 (2.29) DIA.
1.0 (25.4) MIN.
0.125 (3.18) 0.115 (2.92)
1.0 (25.4) MIN. 0.025 (0.635) 0.023 (0.584) DIA.
Document Number: 88757 Revision: 20-Aug-07
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com 3
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of UG06B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X